Part Number Hot Search : 
LSP2908 SRA2203K 51021 XXSX3 8N06LT SMCJ100A PA2005NL 10504
Product Description
Full Text Search
 

To Download GBPC3512A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBPC.. Series
Vishay High Power Products
Single Phase Bridge (Power Modules), 25/35 A
FEATURES
* Universal, 3 way terminals: push-on, wrap around or solder * High thermal conductivity package, electrically insulated case
RoHS
COMPLIANT
* Positive polarity symbol molded on the plastic case * Center hole fixing * Glass passivated diode chips * Excellent power/volume ratio
GBPC...A GBPC...W
* Nickel plated terminals solderable using lead (Pb)-free solder; Solder Alloy Sn/Ag/Cu (SAC305); Solder temperature 260 to 275 C * Wire lead version available * UL E300359 approved * RoHS compliant * Designed and qualified for industrial and consumer level
PRODUCT SUMMARY
IO 25/35 A
DESCRIPTION/APPLICATIONS
A range of extremely compact, encapsulated single phase bridge rectifiers offering efficient and reliable operation. They are intended for use in general purpose and instrumentation applicaions
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL IO IFSM I2 t VRRM TJ CHARACTERISTICS GBPC25 25 TC 50 Hz 60 Hz 50 Hz 60 Hz Range 60 400 420 790 725 200 to 1200 - 55 to 150 GBPC35 35 55 475 500 1130 1030 UNITS A C A
A2s V C
Document Number: 93575 Revision: 29-Sep-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 1
GBPC.. Series
Vishay High Power Products
ELECTRICAL SPECIFICATIONS VOLTAGE RATINGS
VOLTAGE CODE VRRM, MAXIMUM REPETITIVE PEAK AC REVERSE VOLTAGE TJ = TJ MAXIMUM V 200 400 600 800 1000 1200 VRSM, MAXIMUM NON-REPETITIVE IRRM MAXIMUM AT PEAK AC REVERSE VOLTAGE RATED VRRM TJ = TJ MAXIMUM TJ = TJ MAXIMUM V mA 275 500 725 900 1100 1300 2 500 IRRM MAXIMUM DC REVERSE CURRENT AT TJ = 125 C A
Single Phase Bridge (Power Modules), 25/35 A
TYPE NUMBER
02 04 GBPC25/35..A GBPC25/35..W
(1)
06 08 10 12
Note (1) See Ordering Information table at the end of datasheet
FORWARD CONDUCTION
PARAMETER Maximum DC output current at case temperature SYMBOL TEST CONDITIONS Resistive or inductive load IO Capacitive load GBPC25 GBPC35 25 20 60 t = 10 ms Maximum peak, one-cycle non-repetitive forward current IFSM t = 8.3 ms t = 10 ms t = 8.3 ms t = 10 ms Maximum I2t for fusing I2t t = 8.3 ms t = 10 ms t = 8.3 ms Maximum I2t for fusing I2t VF(TO)1 VF(TO)2 rt1 rt2 VFM IRRM VINS I2 t No voltage reapplied 100 % VRRM reapplied Initial TJ = TJ maximum No voltage reapplied 100 % VRRM reapplied I2t x tx; 0.1 tx 10 ms, VRRM = 0 V 400 420 335 350 790 725 560 512 7.9 0.76 0.89 8.2 6.8 1.1 5.0 2700 35 28 55 475 500 400 420 1130 1030 800 730 11.3 0.77 0.92 4.852 3.867 kA2s V A2 s A UNITS A C
for time tx =
Low level of threshold voltage High level of threshold voltage Low level forward slope resistance High level forward slope resistance Maximum forward voltage drop Maximum DC reverse current RMS isolation voltage base plate
(16.7 % x x IF(AV) < I < x IF(AV)), TJ maximum (I > x IF(AV)), TJ maximum (16.7 % x x IF(AV) < I < x IF(AV)), TJ maximum (I > x IF(AV)), TJ maximum TJ = 25 C, IFM = IFavg (arm) TJ = 25 C, per diode at VRRM f = 50 Hz, t = 1 s
m V A V
www.vishay.com 2
For technical questions, contact: ind-modules@vishay.com
Document Number: 93575 Revision: 29-Sep-08
GBPC.. Series
Single Phase Bridge Vishay High Power Products (Power Modules), 25/35 A
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER Junction and storage temperature range Maximum thermal resistance, junction to case per bridge Maximuml thermal resistance, case to heatsink Approximate weight Mounting torque 10 % Bridge to heatsink SYMBOL TJ, TStg RthJC RthCS DC operation Mounting surface, smooth, flat and greased TEST CONDITIONS GBPC25 GBPC35 UNITS C - 55 to 150 1.7 0.2 16 2.0 g N*m (lbf * in) 1.4 K/W
Maximum Allowable Case Temperature (C)
150 140 130 120 110 100 90 80 70 60 50 0 5 10 15 20 25 30
Average Forward Current (A)
1000
GBPC25.. Series
Instantaneous Forward Current (A)
100
TJ = 25 C
180 (Rect) 180 (Sine)
10
T J = 150 C
GBPC25.. Series
1 0.5
1
1.5
2
2.5
Instantaneous Forward Voltage (V)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Maximum Average Forward Power Loss (W)
50 40 30 20 10 0 0 5 10 15 20 25 50 75 100
Average Forward Current (A) Maximum Allowable Ambient Temperature C
GBPC25.. Series T J = 150 C 180 (Sine) 180 (Rect)
R
thS A
=0
.7
1K
K/W
/W
-D
elt
aR
2K
/W
3K
/W
Fig. 3 - Total Power Loss Characteristics
Document Number: 93575 Revision: 29-Sep-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 3
GBPC.. Series
Vishay High Power Products
400 350 300 250 200 150 100 1 10 100
Number of Equal Amplitude Half Cycle Current Pulses (N)
Single Phase Bridge (Power Modules), 25/35 A
Maximum Allowable Case Temperature (C)
Peak Half Sine Wave Forward Current (A)
At Any Rated Load Condition And With Rated V RRMApplied Following Surge. Initial T = 150 C J @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
150 140 130 120 110 100 90 80 70 60 50 40 0 10 20 30 40
Average Forward Current (A)
GBPC35.. Series
180 (Rect) 180 (Sine)
GBPC25.. Series
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 6 - Current Ratings Characteristics
Peak Half Sine Wave Forward Current (A)
400 350 300 250 200 150 100
Instantaneous Forward Current (A)
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. Initial TJ = 150 C No Voltage Reapplied Rated VRRM Reapplied
1000
100
TJ = 25 C
10
TJ = 150 C
GBPC25.. Series
GBPC35.. Series
50 0.01
0.1
Pulse Train Duration (s)
1
1 0.5
1
1.5
2
2.5
3
Instantaneous Forward Voltage (V)
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Maximum Average Forward Power Loss (W)
80 70 60 50 40 30 20 10 0 0 5 10 15 20 25 30 35 25
50 75 100
Average Forward Current (A) Maximum Allowable Ambient Temperature C
180 (Sine) 180 (Rect)
R th
0.7 1 K/ W
SA
= 0.
5K
/W
K/W
- De
lta R
2 K/W
3 K/W
GBPC35.. Series T J = 150 C
Fig. 8 - Total Power Loss Characteristics
www.vishay.com 4
For technical questions, contact: ind-modules@vishay.com
Document Number: 93575 Revision: 29-Sep-08
GBPC.. Series
Single Phase Bridge Vishay High Power Products (Power Modules), 25/35 A
Peak Half Sine Wave Forward Current (A) (K/W)
450 400 350 300 250 200 150 100 1
Transient Thermal Impedance Z
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge. Initial Tj = 150 C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s
10
Steady State Value R thJC = 1.7 K/W (DC Operation)
thJC
1
0.1
0.01
GBPC25.. Series
GBPC35.. Series
10
100
0.001 0.001
0.01
0.1
1
10
100
Number of Equal Amplitude Half Cycle Current Pulses (N)
Square Wave Pulse Duration (s)
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 11 - Thermal Impedance ZthJC Characteristic
Peak Half Sine Wave Forward Current (A)
Maximum Non Repetitive Surge Current Versus Pulse Train Duration. 450 Initial Tj = 150 C No Voltage Reapplied 400 Rated Vrrm Reapplied
Transient Thermal Impedance ZthJC (K/W)
500
10
Steady State Value R thJC = 1.4 K/W
1 (DC Operation)
350 300 250 200 150 100 0.01
GBPC35.. Series
0.1
0.01
GBPC35.. Series
0.1
Pulse Train Duration (s)
1
0.001 0.001
0.01
0.1
1
10
100
Square Wave Pulse Duration (s)
Fig. 10 - Maximum Non-Repetitive Surge Current
Fig. 12 - Thermal Impedance ZthJC Characteristic
ORDERING INFORMATION TABLE
Device code
GBPC 35
1 2
12
3
A
4
1 2 3 4
-
Circuit configuration: Single phase bridge coding Current rating code Voltage code x 100 = VRRM Diode bridge rectifier: A = Standard fast-on terminal W = Wire lead 25 = 25 A (average) 35 = 35 A (average)
Document Number: 93575 Revision: 29-Sep-08
For technical questions, contact: ind-modules@vishay.com
www.vishay.com 5
GBPC.. Series
Vishay High Power Products
CIRCUIT CONFIGURATION
Single Phase Bridge (Power Modules), 25/35 A
(+) D1 AC1 AC2 D4 D2 (-) D3
LINKS TO RELATED DOCUMENTS Dimensions http://www.vishay.com/doc?95331
www.vishay.com 6
For technical questions, contact: ind-modules@vishay.com
Document Number: 93575 Revision: 29-Sep-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of GBPC3512A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X